PART |
Description |
Maker |
39870-0304 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Nylon 6/6; No. of Contacts:4; No. of Rows:1; Series:Beau Eurostyle 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
54C |
Terminal Block; No. of Positions:5; Pitch Spacing:0.375"; Color:Chocolate Brown; Leaded Process Compatible:No; No. of Contacts:5; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
CINCH CONNECTORS
|
2-796410-0 1-796410-1 2-796410-1 1-796410-3 1-7964 |
10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
|
Tyco Electronics
|
1799030000 1798870000 1798890000 1799020000 179907 |
Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:4; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:4; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Number of Positions:6; Pitch Spacing:0.15"; Mounting Type:PCB Right Angle Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:3; Number of Rows:1 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:10; Number of Rows:1 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET Terminal Block; Pitch Spacing:0.15"; Mounting Type:PCB 270 Degree Thru Hole; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:6; Number of Rows:1 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1639000000 |
Terminal Block; Pitch Spacing:0.138"; Wire Size (AWG):28-14; Mounting Type:PCB Right Angle Thru Hole; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:1 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
1770740000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.138"; Wire Size (AWG):22-10; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
57.503.0055.0 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Gray; Current Rating:30A; Terminal Block Clamp Type:Feed-Thru Terminals; Voltage Rating:600V RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
39390-0102 39390-0103 39380-0102 39380-0103 |
EUROSTYLE 9 52 FIXED PIN 3 CIR 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 6.35 and 9.52mm (.250 and .375? Pitch Beau? Eurostyle? Terminal Blocks 6.35 and 9.52mm (.250 and .375隆卤) Pitch Beau垄莽 Eurostyle垄莽 Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
|